|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? semiconductor components industries, llc, 2002 august, 2002 rev. 1 1 publication order number: ncp4413/d ncp4413, ncp4414 3 a high-speed mosfet drivers the ncp4413/4414 are 3 a cmos buffer/drivers. they will not latch up under any conditions within their power and voltage ratings. they are not subject to damage when up to 5 v of noise spiking of either polarity that occurs on the ground pin. they can accept, without damage or logic upset, up to 500 ma of current of either polarity being forced back into their output. all terminals are fully protected against up to 4 kv of electrostatic discharge. as mosfet drivers, the ncp4413/4414 can easily switch 1800 pf gate capacitance in 20 nsec with matched rise and fall times, and provide low enough impedance in both the on and the off states to ensure the mosfet's intended state will not be affected, even by large transients. the rise and fall time edges are matched to allow driving shortduration inputs with greater output accuracy. features ? latchup protected: will withstand 500 ma reverse current ? input will withstand negative inputs up to 5 v ? esd protected (4 kv) ? high peak output current (3 a) ? wide operating range (4.5 v to 16 v) ? high capacitive load drive capability (1800 pf in 20 nsec) ? short delay time (35 nsec typ) ? consistent delay times with changes in supply voltage ? matched delay times ? low supply current with logic a1o input (500 a) with logic a0o input (100 a) ? low output impedance (2.7 ) output functional block diagram v dd input gnd 4.7 v 300 mv ncp4413 effective input c = 10 pf noninverting outputs inverting outputs ncp4414 device package shipping ordering information ncP4413DR2 inverting so8 2500 tape & reel ncp4413p inverting pdip8 50 units/rail so8 d suffix case 751 1 8 marking diagram ncp 441x ywwxz 1 8 x = device number (3 or 4) yy, y = year ww, w = work week x = assembly id code z = subcontractor id code co = country of origin pdip8 p suffix case 626 1 8 ncp441x yywwxz co 1 8 ncp4414dr2 noninverting so8 2500 tape & reel ncp4414p noninverting pdip8 50 units/rail http://onsemi.com
ncp4413, ncp4414 http://onsemi.com 2 pin connections out out gnd gnd 4 v dd 1 2 3 8 7 6 5 (top view) 8pin soic/pdip8 in nc v dd 2 6, 7 inverting nc = no internal connection out out gnd gnd 4 v dd 1 2 3 8 7 6 5 (top view) 8pin soic/pdip8 in nc v dd 2 6, 7 noninverting ncp4414 ncp4413 ncp4413, ncp4414 http://onsemi.com 3 absolute maximum ratings* rating symbol value unit supply voltage v dd +20 v input voltage, in a or in b v in v dd + 0.3 to gnd 5.0 v maximum chip t emperature +150 c storage temperature range t stg 65 to +150 c lead temperature (soldering, 10 sec) t soi +300 c package thermal resistance soic soic r q ja r q jc 155 45 c/w operating temperature range t a 40 to +85 c power dissipation (t a 70 c) soic p d 470 mw *staticsensitive device. unused devices must be stored in conductive material. protect devices from static discharge and static fields. stresses above those listed under aabsolute maximum ratingso may cause permanent damage to the device. these are stress ratings only and funct ional operation of the device at these or any other conditions above those indicated in the operation section of the specifications is not implied . exposure to absolute maximum rating conditions for extended periods may affect device reliability. electrical characteristics (over operating temperature range with 4.5 v v dd 16 v, unless otherwise specified. typical values are measured at t a = 25 c; v dd = 16 v.) characteristic symbol test conditions min typ max unit input logic 1 high input v oltage v ih 2.0 v logic 0 low input v oltage v il 0.8 v input current i in 0v v in v dd t a = 25 c 40 c t a 85 c 1.0 10 1.0 10 a output high output voltage v oh dc test v dd 0.025 v low output voltage v ol dc test 0.025 v output resistance r o v dd = 16 v, i o = 10 ma t a = 25 c 40 c t a 85 c 2.7 3.3 4.0 5.0 peak output current i pk v dd = 16 v 3.0 a latchup protection withstand reverse current i rev duty cycle 2% t 300 sec v dd = 16 v 0.5 a switching time (note 1) rise time t r figure 1 t a = 25 c 40 c t a 85 c 20 24 28 33 nsec fall time t f figure 1 t a = 25 c 40 c t a 85 c 20 24 28 33 nsec delay time t d1 figure 1 t a = 25 c 40 c t a 85 c 35 40 45 50 nsec delay time t d2 figure 1 t a = 25 c 40 c t a 85 c 35 40 45 50 nsec power supply power supply current i s v in = 3 v v in = 0 v v dd = 16 v 0.5 0.1 1.0 0.15 ma 1. switching times are guaranteed by design. ncp4413, ncp4414 http://onsemi.com 4 input: 100 khz, square wave, t rise = t fall 10 nsec t d1 +5 v input 0 v output 0 v 90% 10% 10% 90% 10% 90% t f t r t d2 input ncp4413 v dd = 16 v 1, 8 4, 5 2 6, 7 output c l = 1800 pf 0.1 m f ncp4414 4.7 m f t d1 +5 v input 0 v v output 0 v 90% 10% 10% 10% 90% t f t r t d2 90% dd v dd inverting driver noninverting driver ncp4413 ncp4414 1600 1400 1200 1000 800 600 400 200 01020 3040506070 8090100110120 0 max. power (mv) ambient temoerature ( c) 8 pin soic figure 1. switching time test circuit figure 2. thermal derating curves ncp4413, ncp4414 http://onsemi.com 5 typical characteristics figure 3. quiescent supply current vs. supply voltage t a = 25 c figure 4. quiescent supply current vs. temperature v supply = 16 v figure 5. input threshold vs. supply voltage ta = 25 c figure 6. input threshold vs. temperature v supply = 16 v figure 7. highstate output resistance figure 8. lowstate output resistance 6 8 10 12 14 16 4 40 20 0 20 40 80 60 v threshold, (volts) 6 8 10 12 14 16 4 100 0 500 400 300 200 a ( ) i supply a ( ) i supply v dd (volts) temperature ( c) v dd (volts) 100 0 6 8 10 12 14 16 1.6 1.3 1.2 v dd (volts) v in = 3 v v ih 500 40 20 0 20 40 80 1.4 1.5 1.1 4 v in = 0 v 400 300 200 v in = 3 v v in = 0 v 60 v il v threshold, (volts) 1.6 1.3 1.2 v ih 1.4 1.5 1.1 v il 9 r t a = 85 c 8 7 6 5 4 3 2 1 t a = 25 c t a = 40 c ds, (on) w 6 8 10 12 14 16 4 9 8 7 6 5 4 3 2 1 t a = 85 c t a = 25 c t a = 40 c r ds, (on) w v dd (volts) temperature ( c) ncp4413, ncp4414 http://onsemi.com 6 typical characteristics figure 9. rise time vs. supply voltage c load = 1800 pf figure 10. fall time vs. supply voltage c load = 1800 pf figure 11. t d1 propagation delay vs. supply voltage c load = 1800 pf figure 12. t d2 propagation delay vs. supply voltage c load = 1800 pf figure 13. rise and fall times vs. capacitive load t a = 25 c, v dd = 16 v figure 14. propagation delays vs. capacitive load t a = 25 c, v dd = 16 v 70 20 10 46 8101214 40 60 t v dd (volts) 50 30 16 t a = 85 c t a = 25 c t a = 40 c rise, (nsec) 70 20 10 4 6 8 101214 40 60 50 30 16 v dd (volts) t a = 85 c t a = 25 c t a = 40 c 70 20 468101214 40 60 50 30 16 t v dd (volts) t a = 85 c t a = 25 c t a = 40 c 80 90 100 110 d1, (nsec) 70 20 4 6 8 101214 40 60 50 30 16 t v dd (volts) t a = 85 c t a = 25 c t a = 40 c 80 90 100 110 d2, (nsec) t rise 0 3000 4000 5000 c load (pf) 10 0 t t fall 40 30 20 1000 2000 rise, t (nsec) fall, 0 3000 4000 500 0 c load (pf) t d1 35 1000 2000 34 33 32 31 30 29 28 t d2 propagation delays (nsec) t fall, (nsec) ncp4413, ncp4414 http://onsemi.com 7 package dimensions pdip8 p suffix case 62605 issue k notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m --- 10 --- 10 n 0.76 1.01 0.030 0.040 so8 d suffix case 75106 issue t seating plane 1 4 5 8 a 0.25 m cb ss 0.25 m b m h c x 45 l dim min max millimeters a 1.35 1.75 a1 0.10 0.25 b 0.35 0.49 c 0.19 0.25 d 4.80 5.00 e 1.27 bsc e 3.80 4.00 h 5.80 6.20 h 0 7 l 0.40 1.25 0.25 0.50 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. dimensions are in millimeter. 3. dimension d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.127 total in excess of the b dimension at maximum material condition. d e h a b e b a1 c a 0.10 ncp4413, ncp4414 http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provid ed in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 291 kamimeguro, meguroku, tokyo, japan 1530051 phone : 81357733850 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. ncp4413/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada |
Price & Availability of P4413DR2 |